PART |
Description |
Maker |
14-56-8250 A-70400-3408 |
2.54mm (.100) Pitch SL Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.76μm (30μ) Gold (Au), 25 Circuits 2.54mm (.100") Pitch SL垄芒 Insulation Displacement Connector Assembly
|
Molex Electronics Ltd.
|
0022286364 22-28-6364 42376-0106 |
2.54mm (.100") Pitch KK庐 2.54mm (.100) Pitch KK?
|
Molex Electronics Ltd.
|
0022162052 22-16-2052 A-4455-AZ05B |
2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 0.80μm (30μ) Gold (Au), 5 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 0.80渭m (30渭) Gold (Au), 5 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 0.80楼矛m (30楼矛) Gold (Au), 5 Circuits
|
Molex Electronics Ltd.
|
22-15-2096 A-4455-AZ09A 0022152096 |
2.54mm (.100) Pitch KK垄莽 PC Board Connector, Right Angle, End-to-End Stackable, 2.54楼矛m (100楼矛) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Right Angle, End-to-End Stackable, 2.54渭m (100渭) Tin (Sn), 9 Circuits 2.54mm (.100) Pitch KK? PC Board Connector, Right Angle, End-to-End Stackable, 2.54μm (100μ) Tin (Sn), 9 Circuits
|
Molex Electronics Ltd.
|
A-7859-2561 7859-2561N 15-29-1026 0015291026 |
2.54mm (.100) Pitch C-Grid? Shunt Terminal Housings, (30μ) Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid庐 Shunt Terminal Housings, (30渭") Gold (Au), 2 Circuits, with Pin Stop 2.54mm (.100") Pitch C-Grid垄莽 Shunt Terminal Housings, (30楼矛") Gold (Au), 2 Circuits, with Pin Stop
|
Molex Electronics Ltd.
|
SDA-70545-0009 70545-0009 0705450009 |
2.54mm (.100") Pitch SL垄芒 Header 2.54mm (.100) Pitch SL Header
|
Molex Electronics Ltd.
|
4455-BH11DP909-10 50-36-1881 0050361881 A-4455-BH1 |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254μm (10μ) Tin (Sn), 11 Circuits 2.54mm (.100") Pitch KK庐 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254渭m (10渭") Tin (Sn), 11 Circuits 2.54mm (.100") Pitch KK垄莽 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254楼矛m (10楼矛") Tin (Sn), 11 Circuits
|
Molex Electronics Ltd.
|
0022283302 42225-0100 A-42225-0100 22-28-3302 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, with Polarizing Wall, 30 Circuits, 0.76楼矛m (30楼矛) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
MMB1901R480 MM-B1901-R480 36512-0196 0365120196 |
2.54mm (.100) Pitch DIN 41612 Header, Vertical, Through Hole, 0.4μm (16μ) Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4渭m (16渭") Selective Gold (Au), 48 Circuits 2.54mm (.100") Pitch DIN 41612 Header, Vertical, Through Hole, 0.4楼矛m (16楼矛") Selective Gold (Au), 48 Circuits
|
Molex Electronics Ltd.
|
98787-1016 0987871016 |
2.54mm (.100) Pitch Pitch MOX Plug Housing, 6 Circuits, Blue
|
Molex Electronics Ltd.
|
SD-98787-001 SD-98787-002 0987871018 |
2.54mm (.100) Pitch Pitch MOX Plug Housing 6 Circuits, Gray
|
Molex Electronics Ltd.
|
0877003002 87700-3002 |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus Pa-S Receptacle
|
Molex Electronics Ltd.
|
|